Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS1016ATB1 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS1016ATB1
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016ATB1 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS1016ATB1 Datasheet HTML 1Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 2Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 3Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 4Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 5Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 (6)
DA1016.003
31 October, 2000
PACKAGE FOR SAMPLES
NC
1
VDD 2
NC
3
QO
4
NC
5
QI 6
AGC 7
OUT 8
NC
9
NC 10
20 VSS
19 NC
18 RFI
17 PDN
16 AON
15 DEC
14 NC
13 NC
12 NC
11 NC
PDIP 20
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
NC
1
VDD
2
P
Positive Power Supply
NC
3
QO
4
AO
Quartz Filter Output
NC
5
QI
6
AI
Quartz Filter Input
AGC
7
AO
AGC Capacitor
OUT
8
DO
Receiver Output
3
NC
9
NC
10
NC
11
NC
12
NC
13
NC
14
DEC
15
AO
Demodulator Capacitor
AON
16
DI
AGC On Control
2
PDN
17
AI
Power Down Input
1
RFI
18
AI
Receiver Input
NC
19
VSS
20
G
Power Supply Ground
Notes:
1) Level = VSS means receiver on; VDD = receiver off
2) Level = VDD means receiver on; VSS = receiver off (PDN = VDD)
Internal pull-down resistor > 1MOhm to VSS
3) 100 % AM results in Level = VSS; 25 % AM results in Level = VDD
- the output is a current source/sink with
[lout] >5 µA
- at power down the output is tri-state



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com