Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI52112-A1 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SI52112-A1
Description  PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI52112-A1 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SI52112-A1 Datasheet HTML 1Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 2Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 3Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 4Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 5Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 6Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 7Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 8Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si52112-A1/A2
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage (extended)
VDD(extended)
3.3 V ± 5%
3.13
3.3
3.46
V
Supply Voltage (commercial)
VDD(commercial)
3.3 V ± 10%
2.97
3.3
3.63
V
Table 2. DC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
3.3 V ± 10%
2.97
3.30
3.63
V
Operating Supply Current
IDD
Full Active
17
mA
Input Pin Capacitance
CIN
Input Pin Capacitance
3
5
pF
Output Pin Capacitance
COUT
Output Pin Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com