Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI52112-A1 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SI52112-A1
Description  PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI52112-A1 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SI52112-A1 Datasheet HTML 1Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 2Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 3Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 4Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 5Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 6Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 7Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 8Page - Skyworks Solutions Inc. SI52112-A1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Si52112-A1/A2
PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Features
Applications
Description
Si52112-A1/A2 is a high-performance, PCIe clock generator that can
source two PCIe clocks from a 25 MHz crystal or clock input. The clock
outputs are compliant to PCIe Gen 1 specifications. The ultra-small
footprint (3x3 mm) and industry leading low power consumption make
Si52112-A1/A2 the ideal clock solution for consumer and embedded
applications.
PCI-Express Gen 1 compliant
Low power HCSL differential
output buffers
Supports Serial-ATA (SATA) at
100 MHz
No termination resistors required
25 MHz Crystal Input or Clock
input
Triangular spread spectrum
profile for maximum EMI
reduction (Si52112-A2)
Extended Temperature:
–40 to 85 °C
3.3 V Power supply
Small package 10-pin TDFN
(3x3 mm)
Si52112-A1 does not support
spread spectrum outputs
Si52112-A2 supports 0.5% down
spread outputs
For PCIe Gen 2 applications, see
Si52112-B3/B4
For PCIe Gen 3 applications, see
Si52112-B5/B6
Network Attached Storage
Multi-function Printer
Wireless Access Point
Routers
XIN/CLKIN
XOUT
DIFF2
DIFF1
PLL
Divider
VDD
VSS
Patents pending
Ordering Information:
See page 13
Pin Assignments
10
9
8
7
1
2
3
4
VDD
VDD
XOUT
XIN/CLKIN
VSS
VSS
5
6
DIFF1
DIFF1
DIFF2
DIFF2


Similar Part No. - SI52112-A1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
More results

Similar Description - SI52112-A1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52111-A1 SILABS-SI52111-A1 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 1 SINGLE OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com