Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB36NF06L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB36NF06L
Description  N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36NF06L Datasheet(HTML) 3 Page - STMicroelectronics

  STB36NF06L Datasheet HTML 1Page - STMicroelectronics STB36NF06L Datasheet HTML 2Page - STMicroelectronics STB36NF06L Datasheet HTML 3Page - STMicroelectronics STB36NF06L Datasheet HTML 4Page - STMicroelectronics STB36NF06L Datasheet HTML 5Page - STMicroelectronics STB36NF06L Datasheet HTML 6Page - STMicroelectronics STB36NF06L Datasheet HTML 7Page - STMicroelectronics STB36NF06L Datasheet HTML 8Page - STMicroelectronics STB36NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STP36NF06L - STB36NF06L
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS=0)
60
V
VDGR
Drain-gate voltage (RGS=20KΩ)
60
V
VGS
Gate-source voltage
±18
V
ID
Drain-current (continuos) at Tc=25°C
30
A
ID
Drain-current (continuos) at Tc=100°C
21
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain-current (pulsed)
120
A
PTOT
Total dissipation at Tc=25°C
70
W
Derating factor
0.47
W/°C
dv/dt(2)
2.
ISD ≤30A, di/dt ≤400A/µs, VDD < V(BR)DSS. Tj < Tjmax
Peak diode recovery voltage slope
10
V/ns
EAS
(3)
3.
Starting Tj=25°C, ID=15A, VDD=30V
Single pulse avalanche energy
225
mJ
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
2.14
°C/W
Rthj-amb
Thermal resistance junction-ambient (free air) max
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com