Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB36NF06L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB36NF06L
Description  N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36NF06L Datasheet(HTML) 4 Page - STMicroelectronics

  STB36NF06L Datasheet HTML 1Page - STMicroelectronics STB36NF06L Datasheet HTML 2Page - STMicroelectronics STB36NF06L Datasheet HTML 3Page - STMicroelectronics STB36NF06L Datasheet HTML 4Page - STMicroelectronics STB36NF06L Datasheet HTML 5Page - STMicroelectronics STB36NF06L Datasheet HTML 6Page - STMicroelectronics STB36NF06L Datasheet HTML 7Page - STMicroelectronics STB36NF06L Datasheet HTML 8Page - STMicroelectronics STB36NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STP36NF06L - STB36NF06L
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Static
Symbol
Parameter
Test condictions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-source breakdown
voltage
ID=250µA, VGS=0
60
V
IDSS
Zero gate voltage drain
current (VGS=0)
VDS=Max rating
VDS=Max rating Tc=125°C
1
10
µA
µA
IGSS
Gate-body leakage current
(VDS=0)
VGS=±18V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250µA
12.5
V
RDS(on)
Static drain-source on
resistance
VGS=10V, ID=15A
VGS=5V, ID=15A
0.032
0.045
0.04
0.05
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test condictions
Min
Typ
Max
Unit
gfs
Forward transconductance
VDS=15V, ID=15A
15
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer capacitance
VDS=25V, f=1MHz,VGS=0
660
170
70
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=30V, ID=30A
VGS=5V
13
4.2
7.8
17
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com