Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD55NH2LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD55NH2LL
Description  N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55NH2LL Datasheet(HTML) 3 Page - STMicroelectronics

  STD55NH2LL_06 Datasheet HTML 1Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 2Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 3Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 4Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 5Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 6Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 7Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 8Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD55NH2LL - STD55NH2LL-1
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vspike
(1)
1.
Garanted when external Rg=4.7 Ω and tf < tfmax.
Drain-source voltage rating
30
V
VDS
Drain-source voltage (VGS = 0)
24
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)24
V
VGS
Gate- source voltage
± 16
V
ID
(2)
2.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
40
A
ID
(2)
Drain current (continuous) at TC = 100°C
28
A
IDM
(3)
3.
Pulse width limited by safe operating area.
Drain current (pulsed)
160
A
Ptot
Total dissipation at TC = 25°C
60
W
Derating Factor
0.4
W/°C
EAS
(4)
4.
Starting Tj = 25 °C, ID = 20A, VDD = 15V
Single pulse avalanche energy
600
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
2.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
°C/W
TJ
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com