Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD55NH2LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD55NH2LL
Description  N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55NH2LL Datasheet(HTML) 4 Page - STMicroelectronics

  STD55NH2LL_06 Datasheet HTML 1Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 2Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 3Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 4Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 5Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 6Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 7Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 8Page - STMicroelectronics STD55NH2LL_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD55NH2LL - STD55NH2LL-1
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 25mA, VGS =0
24
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max rating
VDS = max rating
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 20A
VGS = 4.5V, ID = 20A
0.010
0.012
0.011
0.0135
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS = 10V, ID =10A
18
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
990
385
40
pF
pF
pF
RG
Gate Input Resistance
f = 1 MHz Gate
DC Bias = 0 Test Signal
Level = 20 mV Open
Drain
1.3
Ω
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 10V, ID = 20A
RG =4.7Ω VGS = 4.5V
(see Figure 13)
15
56
13
10
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
0.44V
≤VDD ≤10V,
ID = 40A,
VGS = 4.5V, RG =4.7Ω
(see Figure 14)
8.7
4.2
2.4
11
nC
nC
nC
Qoss
(2)
2.
Qoss = Coss*
∆ Vin , Coss = Cgd + Cds . See Chapter 4: Appendix A
Output charge
VDS= 16 V, VGS= 0 V
7.6
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com