Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OLI300 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # OLI300
Description  Miniature High-Speed Optocoupler for Hybrid Assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

OLI300 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  OLI300 Datasheet HTML 1Page - Skyworks Solutions Inc. OLI300 Datasheet HTML 2Page - Skyworks Solutions Inc. OLI300 Datasheet HTML 3Page - Skyworks Solutions Inc. OLI300 Datasheet HTML 4Page - Skyworks Solutions Inc. OLI300 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
202333F • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 4, 2021
1
DATA SHEET
OLI300: Miniature High-Speed Optocoupler for Hybrid
Assembly
Features
• Electrical parameters guaranteed over -55 °C to +125 °C
ambient temperature range
• 1500 VDC electrical isolation
• Small footprint for a hybrid device
• High-speed, 1 Mbps typical
• Open collector output
• High reliability and rugged construction
• Similar to 6N135/136, 4N55 type optocouplers
• Radiation tolerant
• Custom packages are available (contact Isolink)
Description
The OLI300 is suitable for interfacing Transistor-to-Transistor
Logic (TTL) to Low Power Schottky Transistor-Transistor Logic
(LSTTL), TTL, or Complementary Metal Oxide Semiconductor
(CMOS), as well as wide bandwidth analog applications.
Each OLI300 has an LED and an integrated photodiode transistor
detector mounted and coupled in a miniature custom ceramic
package that provides 1500 VDC of electrical isolation between the
input and output. The integrated photodiode transistor improves
the switching speed by orders of magnitude as compared to
standard phototransistors by reducing the base-to-collector
capacitance.
Device mounting is achieved by a standard hybrid assembly with
non-conductive epoxies. Gold or aluminum wire bonding can be
used to make electrical connections for maximum placement
flexibility.
Note: Certain cleaning processes may be harmful to this device.
Contact Isolink for details.
K043
K043
VCC
VOUT
GND
54
3
6
1
Anode
Cathode
Shield
Figure 1. OLI300 Block Diagram
Figure 1 shows the OLI300 functional block diagram. Table 1
provides the OLI300 absolute maximum ratings. Table 2 provides
the OLI300 electrical specifications.
Figures 2 through 4 illustrate the OLI300 typical performance
characteristics. Figure 5 shows the OLI300 switching test circuit.
Figure 6 provides the OLI300 package dimensions.


Similar Part No. - OLI300

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
More results

Similar Description - OLI300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Skyworks Solutions Inc.
OLI100 SKYWORKS-OLI100 Datasheet
351Kb / 6P
Miniature Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLI249 SKYWORKS-OLI249 Datasheet
333Kb / 6P
Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLI400 SKYWORKS-OLI400 Datasheet
691Kb / 6P
Miniature Low Input Current Optocoupler for Hybrid Assembly
August 4, 2021
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
OLI600 SKYWORKS-OLI600 Datasheet
530Kb / 6P
Miniature High-Speed Schmitt Trigger Optocoupler for Hybrid Assembly
August 5, 2021
OLI910 SKYWORKS-OLI910 Datasheet
344Kb / 5P
Miniature Photovoltaic Optocoupler for Hybrid Assembly
April 17, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com