Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5889 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5889
Description  DC/DC CONVERTER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5889 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5889 Datasheet HTML 1Page - Unisonic Technologies 2SC5889 Datasheet HTML 2Page - Unisonic Technologies 2SC5889 Datasheet HTML 3Page - Unisonic Technologies 2SC5889 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SC5889 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R216-005,A
1.0
3
5
Cob - VCB
25
7
10
7
100
3
2
10
Collector - to - Emitter Voltage, VCB (V)
3
25
f=1MHz
0.01
3
5
fT - Ic
2
57
10
7
1000
3
2
0.1
Collector Current, Ic (A)
5
7
100
3
2
3
25 71.0
3
2
5
0.01 3
5
A S O
25 7
0.1
10
2
3
2
0.1
Collector-Emitter Voltage, VCE (V)
5
7
1.0
3
2
3
25 71.0
3
25 710
500
μ
s
Icp=9A
Ic=5A
Ta=25⊥
Single pulse
<100 μs
2
7
5
7
3
2
0.01
0.01
3
5
VCE(sat) - Ic
2
5 7
0.001
7
1.0
3
2
0.1
Collector Current, Ic (A)
5
7
0.1
3
2
5
7
0.01
3
2
3
25 71.0
3
2
5710
Ic/IB=20
0.01
3
5
VCE(sat) - Ic
2
57
0.001
7
1.0
3
2
0.1
Collector Current, Ic (A)
5
7
0.1
3
2
5
7
0.01
3
2
3
2
571.0
3
2
5 710
Ic/IB=50
0.01
3
5
VCE(sat) - Ic
25 7
0.1
7
10
3
2
0.1
Collector Current, Ic (A)
Ic/IB=50
5
7
1.0
3
2
3
25 71.0
3
25 710
Ta=-25℃
75℃
25℃
VCE=2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com