Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5889 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5889
Description  DC/DC CONVERTER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5889 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5889 Datasheet HTML 1Page - Unisonic Technologies 2SC5889 Datasheet HTML 2Page - Unisonic Technologies 2SC5889 Datasheet HTML 3Page - Unisonic Technologies 2SC5889 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SC5889 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R216-005,A
DC/DC CONVERTER
APPLICATIONS
FEATURES
*Large current capacitance.
*Low collector-emitter saturation voltage.
*High-speed switching
*High allowable power dissipation.
APPLICATIONS
* relay drivers, lamp drivers, motor drivers, strobes.
TO -92S P
1
1.EMITTER 2.COLLECTOR 3.BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
Ic
5
A
Collector Current (Pulse)
Icp
9
A
Base Current
IB
1
A
Collector Dissipation
Pc
0.55
W
Junction Temerature
Tj
150
°C
Storage Temprature
Tstg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Base Breakdown Voltage
V(BR)CBO
Ic=10μA,IE=0
15
V
Collector Emitter Breakdown Voltage
V(BR)CES
Ic-1mA,RBE=∞
10
V
Emitter Base Breakdown Voltage
V(BR)EBO
IE=10μA,Ic=0
7
V
Collector Cutoff Current
ICBO
VCB=10V,IE=0
0.1
μ
A
Emitter Cutoff Current
IEBO
VEB=4V,Ic=0
0.1
μ
A
HFE1
VCE=2V,Ic=500mA
450
1200
DC Current Gain
HFE2
VCE=2V,Ic=3A
200
VCE (sat)1
Ic=1.5A,IB=30mA
120
180
mV
Collector-Emitter Saturation Voltage
VCE (sat)2
Ic=3A,IB=60mA
230
350
mV
Base-Emitter Saturation Voltage
VBE (sat)
Ic=1.5A,IB=30mA
0.85
1.2
V
Gain Bandwidth Product
fT
VCE=2V,Ic=500mA
350
MHz
Output Capacitance
Cob
VCB=10V,f=1MHz
23
pF
Turn-ON Time
ton
See specified Test Circuit
30
Storage Time
tstg
See specified Test Circuit
210
Fall Time
tf
See specified Test Circuit
11
ns


Similar Part No. - 2SC5889

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5889 SANYO-2SC5889 Datasheet
39Kb / 4P
2SC5889
logo
Unisonic Technologies
2SC5889 UTC-2SC5889_15 Datasheet
137Kb / 4P
DC/DC CONVERTER APPLICATIONS
More results

Similar Description - 2SC5889

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com