Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP31C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP31C
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP31C Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP31C Datasheet HTML 1Page - Unisonic Technologies TIP31C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCTIP31C
NPNEXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R203-010,A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.
DC CURRENT GAIN
Ic(mA), COLLECTOR CURRENT
1
3
5
10
30
50
100
300
500
1000
3 5 10
30 50 100 300 1000 3000 10000
POWER DERATING
Tc(°C), CASE TEMPERATURE
0
20
30
40
50
100
150
200
BASE-EMITTER SATURATION VOLTAGE
COLLECTOR-EMITTER SATURATION VOLTAGE
Ic(mA), COLLECTOR CURRENT
10
30
50
100
300
500
1000
3000
5000
10000
3 5 10
30 50 100 300 1000 3000 10000
1
SAFE OPERATING AREA
VCE(V), COLLECTOR-EMITTER VOLTAGE
0.1
0.3
0.5
1.0
3.0
5.0
10
510
30
50
100
300
10
4
Ic MAX. (Pulse)
100
µs
1ms
Ic=10·Ie
VBE(sat)
VCE(sat)
VCE=4V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com