Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP31C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP31C
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP31C Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP31C Datasheet HTML 1Page - Unisonic Technologies TIP31C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCTIP31C
NPNEXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-010,A
NPN EXPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC TIP31C is a NPN expitaxial planar transistor,
designed for using in general purpose amplifier and switching
applications.
FEATURE
*Complement to tip32C
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter To Base Voltage
VEBO
5
V
Collector Current(DC)
IC
3
A
Collector Current(Pulse)
IC
5
A
Base Current
IB
1
A
Collector Dissipation(Tc=25
°C)
Pc
40
W
Collector Dissipation(Ta=25
°C)
Pc
2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Tc=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage(*)
BVCEO
IC=30mA,IB=0
100
V
Collect Cutoff Current
ICES
VCB=100V,VEB=0
200
µA
Collector Cutoff Current
ICEO
VCE=60V,IB=0
0.3
mA
Emitter Cutoff Current
IEBO
VBE=5V,Ic=0
1
mA
Collector-Emitter Saturation Voltage(*)
VCE(sat)
IC=3A,IB=375mA
1.2
V
Base-Emitter On Voltage(*)
VBE(on)
IC=3A,VCE=4V
1.8
V
DC Current Gain(*)
hFE
IC=1A,VCE=4V
IC=3A,VCE=4V
25
10
50
Current Gain Bandwidth Product
fT
IC=0.5A,VCE=10V
f=1MHz
3
MHz
*Pulse Test: PW<=300
µs,Duty Cycle<=2%


Similar Part No. - TIP31C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU407 UTC-BU407 Datasheet
52Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_09 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_11 Datasheet
146Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
220Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com