Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE811 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 13Page - STMicroelectronics STMPE811 Datasheet HTML 14Page - STMicroelectronics STMPE811 Datasheet HTML 15Page - STMicroelectronics STMPE811 Datasheet HTML 16Page - STMicroelectronics STMPE811 Datasheet HTML 17Page - STMicroelectronics STMPE811 Datasheet HTML 18Page - STMicroelectronics STMPE811 Datasheet HTML 19Page - STMicroelectronics STMPE811 Datasheet HTML 20Page - STMicroelectronics STMPE811 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
STMPE811
SPI interface
Doc ID 14489 Rev 5
17/66
5.2
SPI timing modes
The SPI timing modes are defined by CPHA and CPOL,CPHA and CPOL are read from the
"SDAT" and "A0" pins during power-up reset. The following four modes are defined
according to this setting.
The clocking diagrams of these modes are shown in ON reset. The device always operates
in mode 0. Once the bits are set in the SPICON register, the mode change takes effect on
the next transaction defined by the CS_n pin being deasserted and asserted.
5.2.1
SPI timing definition
Table 9.
SPI timing modes
CPOL_N (SDAT pin)
CPOL
CPHA (ADDR pin)
Mode
1000
1011
0102
0113
Table 10.
SPI timing specification
Symbol
Description
Timing
Unit
Min
Typ
Max
tCSS
CS_n falling to
first capture
clock
1
−−
µs
tCL
Clock low
period
500
−−
ns
tCH
Clock high
period
500
−−
ns
tLDI
Launch clock
to MOSI data
valid
−−
20
ns
tLDO
Launch clock
to MISO data
valid
−−
330
µs
tDI
Data on MOSI
valid
1
−−
µs
tCCS
Last clock
edge to CS_n
high
1
−−
µs
tCSH
CS_n high
period
2
−−
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com