Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDM1-6C1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics HDM1-6C1 Datasheet HTML 10Page - STMicroelectronics HDM1-6C1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2.3
HEAC link and HPD line description
The HDMI2C1-6C1 proposes a unique solution to manage and to protect both the HEAC and the HPD link. The
Figure 7 shows an overview of the function diagram of the integrated block.
Figure 7. HEAC / HPD utility functional block diagram
HPD
HPD_IC
Utility
HDMI
ASIC
or
IC
VDD_IC
matching
Utility / HEAC+
HPD / HEAC-
HEAC+
HEAC-
VDD_IC
HDMI
connector
This block simplifies the design and the PCB layout of the HPD + HEAC functions. Simply connect the two pins
from the HDMI connector to one side of the device, and then use the three dedicated outputs on the other side of
the device to manage separately the HPD and the HEAC links.
Note that HEAC- and HEAC+ must be kept nonconnected when unused (to avoid connecting to GND when
unused).
Both HPD and utility inputs (cable side) integrate a protection against ESD, which is compliant with the
IEC61000-4-2 standard, level 4 (8 kV contact).
HPD line description
The HPD line is described in the HDMI standards as the hot plug detect function. This line is used by the source
device in order to detect if a sink device is connected through an HDMI cable.
The integrated HPD block is pulling down the line via a current source. When the input voltage is detected to be
higher than a threshold level, the signal is converted in a high state level on the ASIC side, at the voltage level of
the ASIC power supply VDD_IC. Otherwise, the CEC_IC pin remains in low state.
The Figure 8. Simplified view of the electrical parameters of the HPD block show the electrical parameters
relevant to the HPD block and specified by the Table 6. HPD, HEAC, and utility line electrical characteristics(Tamb
= 25 °C, VDD_5V = 5 V, unless otherwise specified).
HDMI2C1-6C1
HEAC link and HPD line description
DS9943 - Rev 4
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com