Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDM1-6C1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 1 Page - STMicroelectronics

  HDM1-6C1 Datasheet HTML 1Page - STMicroelectronics HDM1-6C1 Datasheet HTML 2Page - STMicroelectronics HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
For HDMI 1.4 application, operating temperature from -40 to 85 °C
8 kV contact ESD protection on the connector side (IEC 61000-4-2 level 4)
Supports direct connection to low-voltage HDMI ASIC and/or CEC driver (down
to 1.8 V)
High integration level in one package
DDC (I2C) link protection, bidirectional signal conditioning circuit, and dynamic
pull-up
CEC bus protection, bidirectional level-shifter, backdrive protection, and
independent structure from main power supply
HEAC link protection and line matching
HPD pulls down, signal conditioning with level shifter and backdrive protection
Short-circuit protection on 5V output
Proposed in 500 µm pitch QFN 18L 3.5 x 3.5
Benefits:
Minimal PCB footprint in tablet, set top box, game console, and other
consumer application
Protection of ultra-sensitive HDMI ASICs
Wake-up from standby through CEC bus
Ultralow power consumption in standby mode
Improved HDMI interface ruggedness and user experience
Long and/or poor quality cable support with dynamic pull-up on DDC bus
Complies with the following standards:
Dedicated for HDMI 1.4 version
IEC 61000-4-2 level 4
JESD22-A114D level 2
Applications
Consumer and computer electronics HDMI source device such as:
Tablet, smartphone, and notebook
HD set-top boxes
Game console
DVD and blu-ray disk systems
PC graphic cards
Description
The HDMI2C1-6C1 is an integrated ESD protection and signal conditioning device for
control links of HDMI transmitters (source).
This device is a simple solution that provides HDMI designers with an easy and fast
way to reach full compliance with the stringent HDMI CTS on a wide temperature
range.
HDMI logo and high-definition multimedia interface are trademarks or registered
trademarks of HDMI licensing LLC.
QFN_18L 3.5 x 3.5
pitch 0.5 mm
VDD_5V
VDD_IC
FAULT
HPD_IC
VDD_CEC_IC
CEC_IC
5V_OUT
HPD
CEC
VDD_CEC
Utility
HEAC-
HEAC+
matching
SCL_IC
SDA_IC
SDA
SCL
OTP
Driver
UVLO
UVLO
UVLO
HDMI2C1-6C1
Product status link
HDMI2C1-6C1
ESD protection and signal booster for HDMI source control stage interface
HDMI2C1-6C1
Datasheet
DS9943 - Rev 4 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - HDM1-6C1

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM10-12B-D05 HITRON-HDM10-12B-D05 Datasheet
146Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D12 HITRON-HDM10-12B-D12 Datasheet
146Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D15 HITRON-HDM10-12B-D15 Datasheet
146Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-S03 HITRON-HDM10-12B-S03 Datasheet
146Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-S05 HITRON-HDM10-12B-S05 Datasheet
146Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDM1-6C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
logo
STMicroelectronics
HDMI2C1-5DIJ STMICROELECTRONICS-HDMI2C1-5DIJ Datasheet
53Kb / 3P
ESD protection and signal booster for HDMI??1.3 Tx control links
05-Feb-2009
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
ESD protection for HDMI interface
Rev. 01-6 June 2007
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
HDMI Interface ESD Protection
V2.1, April 2009
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
logo
STMicroelectronics
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1 Datasheet
519Kb / 23P
ESD protection and signal booster for HDMI source control stage interface
25-Jul-2014
HDMI2C2-14HD STMICROELECTRONICS-HDMI2C2-14HD Datasheet
1Mb / 31P
ESD protection and signal booster for HDMI??1.4 sink interface
August 2014 Rev1
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
ESD protection for HDMI interface
Rev. 01 - 6 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com