Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8816 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8816 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product Preview
WM8816
w
PP Rev 1.5 October 2004
3
PIN CONFIGURATION
10
9
14
13
12
11
5
6
7
1
2
3
4
CCLK
DGND
RGND
RIN
RFO
AGND
RMO
DVDD
CSB
LGND
LIN
LFO
AVDD
LMO
8
15
16
MUTEB
DATA
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
XWM8816EDW/V
-20 to +60
oC
16-pin SOIC (plastic)
Wide
MSL3
240°C
XWM8816GEDW/V
-20 to +60
oC
16-pin SOIC Wide
(Lead Free)
MSL3
260°C
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AVDD
Supply
Supply Voltage for Analogue Circuitry
2
LMO
Analogue Output
External Op-amp Inverting Input (Left Channel)
3
LFO
Analogue Input
External Op-amp Feedback Signal (Left Channel)
4
LIN
Analogue Input
Input Signal (Left Channel)
5
LGND
Analogue Input
Input Signal Ground (Left Channel)
6
CSB
Digital Input
Chip Select (active low)
7
DVDD
Supply
Supply Voltage for Digital Circuitry
8
MUTEB
Digital Input
Mute (active low)
9
DATA
Digital In / Out
Serial Interface Data Input / Output (tri-state)
10
CCLK
Digital Input
Serial Interface Clock
11
DGND
Supply
Digital Ground
12
RGND
Analogue Input
Input Signal Ground (Right Channel)
13
RIN
Analogue Input
Input Signal (Right Channel)
14
RFO
Analogue Input
External Op-amp Feedback Signal (Right Channel)
15
RMO
Analogue Output
External Op-amp Inverting Input (Right Channel)
16
AGND
Supply
Analogue Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com