Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV74 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BAV74
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAV74 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BAV74 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAV74 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
Value
Units
50
50
V
Reverse Voltage Leakage Current
pF
A
mW
Items
SWITCHING DIODE
BAV74
VRM
VR
PTOT
Maximum Ratings
Symbols
30
Min
Units
Items
V
IR
TSTG
mA
SOT-23
IFS
V
VF
IR
CD
TRR
Max
0.1
100
1
2.0
4.0
ns
V
VR
=50V
VR
=50V, TA
IF=100mA
VR
IF
=IR=10mA, RL
V
200
IF
Features
Peak Reverse Voltage
Storage Temperature Range
4.5
250
TJ
150
-50 to +150
TYP.
REF
8
· Mounting Position : Any
· Marking : JA
BAV74
DAESAN ELECTRONIC CORP.
VOLTAGE 50 V


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com