Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV74 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # BAV74
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAV74 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  BAV74 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAV74 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1- FORWARD CURRENT
TS ( )
FIG.3-FORWARD CURRENT
VF (V)
FIG.2-REVERSE CURRENT
FIG.4-PEAK FORWARD CURRENT
t (s)
RATINGS AND CHARACTERISTIC CURVES BAV74
0
15
30
45
60
75
90
105
120
135
150
0
0.5
1.0
1.5
102
101
100
10-1
10-2
10-6
10-5
10-4
10-3
10-2
10-1
100
150
100
50
0
150
0
50
100
105
104
103
102
101
220
200
180
160
140
120
100
80
60
40
20
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TA ( )
25V
70V
VR=70V
Typ.
Max.
T
T
D=
tp
tp
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.005
TA=25
IFM=f(tp)
TA=25
IF=f(VF)
IF=f(Ts)
typ
max
IR=f(TA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com