Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT43USB326 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 29Page - ATMEL Corporation AT43USB326 Datasheet HTML 30Page - ATMEL Corporation AT43USB326 Datasheet HTML 31Page - ATMEL Corporation AT43USB326 Datasheet HTML 32Page - ATMEL Corporation AT43USB326 Datasheet HTML 33Page - ATMEL Corporation AT43USB326 Datasheet HTML 34Page - ATMEL Corporation AT43USB326 Datasheet HTML 35Page - ATMEL Corporation AT43USB326 Datasheet HTML 36Page - ATMEL Corporation AT43USB326 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
33
AT43USB326
3313D–USB–04/06
Suspend/Resume Interrupt Enable Register – SPRSIE
• Bit 7..3 – Res: Reserved Bits
These bits are reserved and are always read as zeros.
• Bit 2 – FRWUP IE: Function Remote Wakeup Interrupt Enable
Setting the FRWUP IE bit will initiate an interrupt whenever the FRWUP bit of SPRSR is set.
• Bit 1 – RSM IE: Resume Interrupt Enable
Setting the RSM IE bit will initiate an interrupt whenever the RSM bit of SPRSR is set.
• Bit 0 – GLB SUSP IE: Global Suspend Interrupt Enable
Setting the GLB SUSP IE bit will initiate an interrupt whenever the GLB SUSP bit of SPRSR is
set.
Suspend/Resume Interrupt Mask Register – SPRSMSK
The bits of the Suspend/Resume Mask Register are used to make an interrupt caused by an
event in the Suspend/Resume Register visible to the microcontroller. The Suspend/Resume
Interrupt Enable Register bits enable the interrupt while the Suspend/Resume Interrupt Mask
Register allows the microcontroller to control when it wants visibility to an interrupt. 1 = Enable
Mask, 0 = Disable Mask.
• Bit 7..3 – Res: Reserved Bits
These bits are reserved and are always read as zeros.
• Bit 2 – FRWUP MSK: Function Remote Wakeup Interrupt Mask
• Bit 1 – RSM MSK: Resume Interrupt Mask
• Bit 0 – GLB SUSP MSK: Global Suspend Interrupt Enable
Bit
7
6
5
4
3
2
1
0
$1FF9
FRWUP
RSM
GLB SUSP
SPRSIE
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$1FF8
FRWUP MSK
RSM
GLB SUSP
SPRSMSK
Read/Write
R
R
R
R
R
W
W
W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com