Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT43USB326 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 41Page - ATMEL Corporation AT43USB326 Datasheet HTML 42Page - ATMEL Corporation AT43USB326 Datasheet HTML 43Page - ATMEL Corporation AT43USB326 Datasheet HTML 44Page - ATMEL Corporation AT43USB326 Datasheet HTML 45Page - ATMEL Corporation AT43USB326 Datasheet HTML 46Page - ATMEL Corporation AT43USB326 Datasheet HTML 47Page - ATMEL Corporation AT43USB326 Datasheet HTML 48Page - ATMEL Corporation AT43USB326 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
45
AT43USB326
3313D–USB–04/06
Port E
Port E[0,1] are bi-directional I/O ports with open drain outputs and controlled slew rate and are
designed for use as the column drivers in a keyboard controller. The Port E[0,1] output buffers
can sink 4 mA. Port E[4:7] are bi-directional I/O with open drain outputs capable of driving
LEDs directly. Each pin of Port E[4:7] has a series resistor to limit the LEDs current.
Three I/O memory address locations are allocated for the Port E, one each for the Data Regis-
ter – PORTE, $03($23), Data Direction Register – DDRE, $02($22) and the Port E Input Pins
– PINE, $01($21). The Port E Input Pin’s address is read only, while the Data Register and the
Data Direction Register are read/write.
Port E Data Register – PORTE
Port E Data Direction Register – DDRE
Port E Input Pins Address – PINE
The Port E Input Pins Address – PINE (Port E Input Pins) – is not a register, and this address
enables access to the physical value on each Port E pin. When reading PORTE the Port E
Data Latch is read, and when reading PINE, the logical values present on the pins are read.
Bit
7
6
5
4
3
2
1
0
$03($23)
PORTE7
PORTE6
PORTE5
PORTE4
PORTE1
PORTE0
PORTE
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$02 ($22)
DDE7
DDE6
DDE5
DDE4
DDE1
DDE0
DDRE
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$01 ($21)
PINE7
PINE6
PINE5
PINE4
PINE1
PINE0
PINE
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com