Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T89C51RB2-3CSIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 4Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 5Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 6Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 7Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 8Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 9Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 10Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 11Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
8
T89C51RB2/RC2
4105D–8051–10/06
PSEN
29
32
26
O
Program Strobe ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program
memory.
EA
31
35
29
I
External Access Enable: EA must be externally held low to enable the device to
fetch code from external program memory locations 0000H to FFFFH (RD). If
security level 1 is programmed, EA will be internally latched on Reset.
Table 3. Pin Description for 40 - 44 Pin Packages (Continued)
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com