Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T89C51RB2-3CSIM Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 45Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 46Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 47Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 48Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 49Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 50Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 51Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 52Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
49
T89C51RB2/RC2
4105D–8051–10/06
Table 33. BDRCON Register
BDRCON - Baud Rate Control Register (9Bh)
Reset Value = XXX0 0000b
Not bit addressablef
76
54
32
1
0
-
-
-
BRR
TBCK
RBCK
SPD
SRC
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4BRR
Baud Rate Run Control bit
Cleared to stop the internal Baud Rate Generator.
Set to start the internal Baud Rate Generator.
3TBCK
Transmission Baud rate Generator Selection bit for UART
Cleared to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
2RBCK
Reception Baud Rate Generator Selection bit for UART
Cleared to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
1
SPD
Baud Rate Speed Control bit for UART
Cleared to select the SLOW Baud Rate Generator.
Set to select the FAST Baud Rate Generator.
0SRC
Baud Rate Source select bit in Mode 0 for UART
Cleared to select FOSC/12 as the Baud Rate Generator (FCLK PERIPH/6 in X2
mode).
Set to select the internal Baud Rate Generator for UARTs in mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com