Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430F149IPM Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 39Page - Texas Instruments MSP430F149IPM Datasheet HTML 40Page - Texas Instruments MSP430F149IPM Datasheet HTML 41Page - Texas Instruments MSP430F149IPM Datasheet HTML 42Page - Texas Instruments MSP430F149IPM Datasheet HTML 43Page - Texas Instruments MSP430F149IPM Datasheet HTML 44Page - Texas Instruments MSP430F149IPM Datasheet HTML 45Page - Texas Instruments MSP430F149IPM Datasheet HTML 46Page - Texas Instruments MSP430F149IPM Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
43
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
Timer_B7 only, reserved for Timer_B3
6.8.12 Peripheral File Map
Table 6-14 lists the peripheral register that support word access. See Table 6-15 for the regsiters with byte
access.
Table 6-14. Peripherals With Word Access
MODULE
REGISTER NAME
ACRONYM
ADDRESS
Watchdog
Watchdog timer control
WDTCTL
0120h
Timer_B7, Timer_B3
Timer_B interrupt vector
TBIV
011Eh
Timer_B control
TBCTL
0180h
Timer_B capture/compare control 0
TBCCTL0
0182h
Timer_B capture/compare control 1
TBCCTL1
0184h
Timer_B capture/compare control 2
TBCCTL2
0186h
Timer_B capture/compare control 3(1)
TBCCTL3
0188h
Timer_B capture/compare control 4(1)
TBCCTL4
018Ah
Timer_B capture/compare control 5(1)
TBCCTL5
018Ch
Timer_B capture/compare control 6(1)
TBCCTL6
018Eh
Timer_B counter
TBR
0190h
Timer_B capture/compare 0
TBCCR0
0192h
Timer_B capture/compare 1
TBCCR1
0194h
Timer_B capture/compare 2
TBCCR2
0196h
Timer_B capture/compare 3(1)
TBCCR3
0198h
Timer_B capture/compare 4(1)
TBCCR4
019Ah
Timer_B capture/compare 5(1)
TBCCR5
019Ch
Timer_B capture/compare 6(1)
TBCCR6
019Eh
Timer_A3
Timer_A interrupt vector
TAIV
012Eh
Timer_A control
TACTL
0160h
Timer_A capture/compare control 0
TACCTL0
0162h
Timer_A capture/compare control 1
TACCTL1
0164h
Timer_A capture/compare control 2
TACCTL2
0166h
Reserved
0168h
Reserved
016Ah
Reserved
016Ch
Reserved
016Eh
Timer_A counter
TAR
0170h
Timer_A capture/compare 0
TACCR0
0172h
Timer_A capture/compare 1
TACCR1
0174h
Timer_A capture/compare 2
TACCR2
0176h
Reserved
0178h
Reserved
017Ah
Reserved
017Ch
Reserved
017Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com