Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430F149IPM Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 19Page - Texas Instruments MSP430F149IPM Datasheet HTML 20Page - Texas Instruments MSP430F149IPM Datasheet HTML 21Page - Texas Instruments MSP430F149IPM Datasheet HTML 22Page - Texas Instruments MSP430F149IPM Datasheet HTML 23Page - Texas Instruments MSP430F149IPM Datasheet HTML 24Page - Texas Instruments MSP430F149IPM Datasheet HTML 25Page - Texas Instruments MSP430F149IPM Datasheet HTML 26Page - Texas Instruments MSP430F149IPM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
1.2 V
1.8 V
0.8 V
1.4 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−40
−20
0
20
40
60
80
25
T , Temperature (°C)
A
1.1 V
1.5 V
V
CC
POR
Time
V
POR
V
(min)
POR
No POR
23
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
VCC rise time dV/dt ≥ 1 V/ms
(2)
When driving VCC low to generate a POR condition, drive VCC to 200 mV or lower with a dV/dt equal to or less than −1 V/ms. The
corresponding rising VCC must also meet the dV/dt requirement equal to or greater than +1 V/ms.
5.17 PUC and POR
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
t(POR_Delay) Internal time delay to release POR
2.2 V, 3 V
150
250
µs
VPOR
VCC threshold at which POR release delay
time begins(1)
TA = −40°C
1.4
1.8
V
TA = 25°C
1.1
1.5
TA = 85°C
0.8
1.2
V(min)
VCC threshold required to generate a POR
(2)
VCC |dV/dt| ≥ 1 V/ms
2.2 V, 3 V
0.2
V
t(reset)
RST/NMI low time for PUC or POR
Reset is accepted internally
2.2 V, 3 V
2
µs
Figure 5-10. VPOR vs Supply Voltage
Figure 5-11. VPOR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com