Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A8697 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8697
Description  Wide Input Voltage 4.0 A Step Down Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8697 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8697 Datasheet HTML 4Page - Allegro MicroSystems A8697 Datasheet HTML 5Page - Allegro MicroSystems A8697 Datasheet HTML 6Page - Allegro MicroSystems A8697 Datasheet HTML 7Page - Allegro MicroSystems A8697 Datasheet HTML 8Page - Allegro MicroSystems A8697 Datasheet HTML 9Page - Allegro MicroSystems A8697 Datasheet HTML 10Page - Allegro MicroSystems A8697 Datasheet HTML 11Page - Allegro MicroSystems A8697 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Wide Input Voltage 4.0 A Step Down Regulator
A8697
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
L1. The inductor must be rated to handle the total load current.
The value should be chosen to keep the ripple current to a reason-
able value. The ripple current, IRIPPLE, can be calculated by:
IRIPPLE = VL(OFF) × tOFF / L
(5)
VL(OFF) = VOUT + Vf + IL(AV) × RL
(6)
Example:
Given VOUT = 1.06 V, Vf = 0.3 V, VIN = 12 V, ILOAD = 4.0 A,
power inductor with L = 3.8 μH and RL = 0.05 Ω Rdc at 55°C,
tOFF = 5.0 μs, and RDS(on) = 0.2 Ω.
Substituting into equation 6:
VL(OFF) = 1.06 V + 0.3 V+ 4 A × 0.05 Ω = 1.56 V
Substituting into equation 5:
IRIPPLE = 1.56 V × 5 μs / 3.8 μH = 2.05 A
The switching frequency, fSW, can then be estimated by:
fSW = 1 / ( tON + tOFF )
(7)
tON = IRIPPLE × L / VL(ON)
(8)
VL(ON) = VIN – IL(AV) × RDS(on) – IL(AV) × RL– VOUT
(9)
Substituting into equation 9:
VL(ON) = 12 V – 4 A × 0.2 Ω – 4 A × 0.05 Ω – 1.06 V = 9.94 V
Substituting into equation 8:
tON = 2.05 A × 3.8 μH / 9.94 V = 0.785 μs
Substituting into equation 7:
fSW = 1 / (5 μs + 0.785 μs) = 173 kHz
Higher inductor values can be chosen to lower the ripple cur-
rent. This may be an option if it is required to increase the total
maximum current available above that drawn from the switching
regulator. Please refer to the Maximum Load Current graph for
the maximum load recommended.
D1. The Schottky catch diode should be rated to handle 1.2 times
the maximum load current. The voltage rating should be higher
than the maximum input voltage expected during all operating
conditions. The duty cycle for high input voltages can be very
close to 100%.
COUT. The main consideration in selecting an output capacitor
is voltage ripple on the output. For electrolytic output capacitors,
a low-ESR type is recommended.
The peak-to-peak output voltage ripple is simply IRIPPLE × ESR.
Note that increasing the inductor value can decrease the ripple
current. The ESR should be in the range from 50 to 500 mΩ.
The switching frequency is calculated as follows:
=
fSW
1
tON + tOFF
(4)
Shorted Load. If the voltage on the FB pin falls below 0.4 V, the
regulator will invoke a 1.5 A typical overcurrent limit to handle
the shorted load condition at the regulator output. For low output
voltages at power up and in the case of a shorted output, the off-
time is extended to prevent loss of control of the current limit due
to the minimum on-time of the switcher.
The extension of the off-time is based on the value of the TSET
multiplier and the FB voltage, as shown in the following table:
VFB (V)
TSET Multiplier
< 0.16
8 × tOFF
< 0.32
4 × tOFF
< 0.5
2 × tOFF
> 0.5
tOFF
Component Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com