Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A8697 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8697
Description  Wide Input Voltage 4.0 A Step Down Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8697 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8697 Datasheet HTML 4Page - Allegro MicroSystems A8697 Datasheet HTML 5Page - Allegro MicroSystems A8697 Datasheet HTML 6Page - Allegro MicroSystems A8697 Datasheet HTML 7Page - Allegro MicroSystems A8697 Datasheet HTML 8Page - Allegro MicroSystems A8697 Datasheet HTML 9Page - Allegro MicroSystems A8697 Datasheet HTML 10Page - Allegro MicroSystems A8697 Datasheet HTML 11Page - Allegro MicroSystems A8697 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Wide Input Voltage 4.0 A Step Down Regulator
A8697
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Application Circuit
Evaluation Board for the A8697
VIN
FB
TSET
ENB
BOOT
LX
VBIAS
D1
EN
R1
R2
R4
R3
R5
J3
3.3 V / 3.0 A
J4
GND
VOUT
J1
8 to 24 Vdc
J2
GND
C3
C1.1
C2
GND
PAD
P1
L1
C4.2
C4.3
C4.1
A8697
C1.3
C1.2
Silkscreen Layer
Bottom Layer
Top and Silkscreen Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com