Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP245P Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 3 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Figures
Figure 1 – Populated Circuit Board (Scale in cm).............................................................. 4
Figure 2– TOP245P Schematic for 32W cont / 46W peak................................................. 6
Figure 3 – Printed Circuit Layout (Scale not 1:1) ............................................................... 8
Figure 4 –Transformer Electrical Diagram ....................................................................... 10
Figure 5 – Transformer Build Diagram ............................................................................ 11
Figure 6- Full Continuous Power Conversion Efficiency.................................................. 15
Figure 7 - Efficiency Variation with Load ......................................................................... 15
Figure 8 – Load Regulation, Room Temperature, 230VAC Input...................................... 16
Figure 9 – Line Regulation, Room Temperature, Full Load............................................. 17
Figure 10 - Cross Regulation........................................................................................... 17
Figure 11 - Key Component Temperature Rise variation with Line Voltage .................... 18
Figure 12 - 195 VAC, Full Continuous Load...................................................................... 18
Figure 13 - 265 VAC, Full Continuous Load .................................................................... 18
Figure 14 -Start-up Profile, 230VAC.................................................................................. 19
Figure 15 - Start-up Profile, 230VAC................................................................................. 19
Figure 16 - Start-up Profile, 230VAC................................................................................. 19
Figure 17 - 195 VAC Input and Maximum Load. ............................................................... 20
Figure 18 - 265 VAC Input and Maximum Load............................................................... 20
Figure 19 – Transient Response, 230 VAC, 3A to 4A Step load change on 3V3. Full Load.
................................................................................................................................. 20
Figure 20 - Oscilloscope Probe Prepared for Ripple Measurement................................. 21
Figure 21 - Oscilloscope Probe with Probe Master 5125BA BNC Adapter...................... 21
Figure 22 – 3V3 Ripple, 230 VAC, Full Load..................................................................... 22
Figure 23 – 3V3 Switching Noise, 230 VAC, Full Load. .................................................... 22
Figure 24 – 5V Ripple, 230 VAC, Full Load....................................................................... 22
Figure 25 – 5V Switching Noise, 230 VAC, Full Load. ...................................................... 22
Figure 26 – 12V Ripple, 230 VAC, Full Load..................................................................... 23
Figure 27 – 12V Switching Noise, 230 VAC, Full Load. .................................................... 23
Figure 28 – 20V Rail Ripple, 230 VAC, Full Load. ............................................................ 23
Figure 29 – 20V Rail Switching Noise, 230 VAC, Full Load. ............................................. 23
Figure 30 - Conducted EMI, Full Continuous Power, 230 VAC, and EN55022 B Limits. .. 24
Figure 31 - Conducted EMI, Full Continuous Power, 230 VAC, and EN55022 B Limits. .. 24
Important Notes:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com