Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP245P Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 2 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ................................................................................................................ 4
2
Power Supply Specification........................................................................................ 5
3
Schematic .................................................................................................................. 6
4
Circuit Description ...................................................................................................... 7
4.1
Input EMI Filtering............................................................................................... 7
4.2
TOPSwitch Primary............................................................................................. 7
4.3
Output Rectification............................................................................................. 7
4.4
Output Feedback ................................................................................................ 7
5
PCB Layout................................................................................................................ 8
6
Bill Of Materials .......................................................................................................... 9
7
Transformer Specification ........................................................................................ 10
7.1
Electrical Diagram............................................................................................. 10
7.2
Electrical Specifications .................................................................................... 10
7.3
Materials ........................................................................................................... 10
7.4
Transformer Build Diagram ............................................................................... 11
7.5
Transformer Construction ................................................................................. 11
8
Transformer Spreadsheets ...................................................................................... 12
9
Performance Data .................................................................................................... 15
9.1
Efficiency........................................................................................................... 15
9.2
No-load Input Power ......................................................................................... 16
9.3
Peak Power....................................................................................................... 16
9.4
Regulation......................................................................................................... 16
9.4.1
Load........................................................................................................... 16
9.4.2
Line ............................................................................................................ 17
9.5
Cross Regulation .............................................................................................. 17
10
Thermal Performance........................................................................................... 18
11
Waveforms ........................................................................................................... 18
11.1
Drain Voltage and Current, Normal Operation .................................................. 18
11.2
Output Voltage Start-up Profile (Full Power) ..................................................... 19
11.3
Drain Voltage and Current Start-up Profile ....................................................... 20
11.4
Load Transient Response ................................................................................. 20
11.5
Output Ripple Measurements ........................................................................... 21
11.5.1
Ripple Measurement Technique ................................................................ 21
11.5.2
Measurement Results ................................................................................ 22
12
Conducted EMI..................................................................................................... 24
13
Revision History.................................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com