Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPC47M172 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M172
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 17Page - SMSC Corporation LPC47M172 Datasheet HTML 18Page - SMSC Corporation LPC47M172 Datasheet HTML 19Page - SMSC Corporation LPC47M172 Datasheet HTML 20Page - SMSC Corporation LPC47M172 Datasheet HTML 21Page - SMSC Corporation LPC47M172 Datasheet HTML 22Page - SMSC Corporation LPC47M172 Datasheet HTML 23Page - SMSC Corporation LPC47M172 Datasheet HTML 24Page - SMSC Corporation LPC47M172 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 01-11-07)
Page 21
SMSC LPC47M172
DATASHEET
PIN#
NAME
(NOTE 1)
DESCRIPTION
BUFFER
NAME
(NOTE 2)
PWR
WELL
(NOTE 3)
NOTES
106,
108,
109
GP13-GP15
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO8
VTR
6
111
GP16/
FAN_TACH1
General Purpose I/O. GPIO can be
configured as an open-drain output.
Fan Tachometer 1 Input
IO8
VTR
6
112
GP17/
FAN_TACH2
General Purpose I/O. GPIO can be
configured as an open-drain output.
Fan Tachometer 2 Input
IO8
VTR
6
TEST (1)
98
TEST_EN
Test Enable Input for XOR-Chain test –
the external pull-up or internal pull-down
sets the strap value. The XOR output is
the nDTR1 pin.
IPD
VTR
NO CONNECT (1) See Note11
117
NC
No Connect
IPD
-
11
Note 1:
The “n” as the first letter of a signal name or the “#” as the suffix of a signal name indicates an “Active Low”
signal. The primary and secondary functions on the pins are separated by “/”.
Note 2:
The buffer names are described in the “Buffer Name Descriptions” section.
Note 3:
Open-drain pins should be pulled-up externally to supply shown in the power well column.
The
nIDE_RSTDRV, nHD_LED, DDCSDA_5V and DDCSCL_5V open-drain pins require external pull-ups to
VCC5V. The nBACKFEED_CUT, SCK_BJT_GATE and nPS_ON open-drain pins require external pull-
ups to V_5P0_STBY. Inputs with internal pull-ups are pulled internally to the supply shown in the power
well column. All other pins are driven under the power well shown. See the “Pins With Internal Resistors”,
“Pins That Require External Resistors” and “Default State of Pins” sections.
Note 4:
The 32.768 kHz input clock must not be driven high when VTR = 0V. CLOCKI32 is clock source to various
logic in the part, including LED, “wake on specific key” and nFPRST debounce circuitry. The 32 KHz input
clock must always be connected. There is a bit in the configuration register at 0xF0 in Logical Device A
that indicates whether or not the 32KHz clock is connected. This bit determines the clock source for the
logic. This bit must always be set to ‘0’ (‘0’=32 KHz clock connected; reset default=‘0’).
Note 5:
The nLPCPD pin may be tied high. The LPC interface will function properly if the nPCI_RESET signal
follows the protocol defined for the nLRESET signal in the “Low Pin Count Interface Specification”.
However, if nLPCPD is tied high, the keyboard wakeup isolation logic will be affected.
Note 6:
These pins (except DDC and FAN_TACH functions) are also inputs to VTR powered logic internal to the
part. If DDC and FAN_TACH functions are selected on GPIOs, the pins will tri-state when VCC power is
removed.
Note 7:
External pullups must be placed on the nKBDRST and GA20M pins.
If the nKBDRST and GA20M
functions are to be used, the system must ensure that these pins are high. See the “That Require External
Resistors” section.
Note 8:
When DDC functions are selected on GP20-GP23, the pins become IO_SW type and require external pull-
ups to the appropriate voltages. See the “That Require External Resistors” section.
When the GPIO
functions are selected, the pins are IS0D8.
Note 9:
The IRTX2 pin is driven low upon power-up of VCC. This pin will remain low following a power-up (VCC
POR) until it is selected via the IR MUX bits and serial port 2 is enabled by setting the activate bit, at which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com