Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPC47M172 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47M172
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 35Page - SMSC Corporation LPC47M172 Datasheet HTML 36Page - SMSC Corporation LPC47M172 Datasheet HTML 37Page - SMSC Corporation LPC47M172 Datasheet HTML 38Page - SMSC Corporation LPC47M172 Datasheet HTML 39Page - SMSC Corporation LPC47M172 Datasheet HTML 40Page - SMSC Corporation LPC47M172 Datasheet HTML 41Page - SMSC Corporation LPC47M172 Datasheet HTML 42Page - SMSC Corporation LPC47M172 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 01-11-07)
Page 39
SMSC LPC47M172
DATASHEET
BIT 1 WRITE PROTECT
Active high status of the WRITE PROTECT disk interface input. A logic “1” indicates that the disk is write
protected.
BIT 2 INDEX
Active high status of the INDEX disk interface input.
BIT 3 HEAD SELECT
Active low status of the HDSEL disk interface input. A logic “0” selects side 1 and a logic “1” selects side
0.
BIT 4 TRACK 0
Active high status of the TRK0 disk interface input.
BIT 5 STEP
Active high status of the latched STEP disk interface output pin. This bit is latched with the STEP output
going active, and is cleared with a read from the DIR register, or with a hardware or software reset.
BIT 6 DMA REQUEST
Active high status of the DMA request pending.
BIT 7 INTERRUPT PENDING
Active high bit indicating the state of the Floppy Disk Interrupt.
6.4.4
Status Register B (SRB)
Address 3F1 READ ONLY
This register is read-only and monitors the state of several disk interface pins in PS/2 and Model 30
modes. The SRB can be accessed at any time when in PS/2 mode. In the PC/AT mode the data bus pins
D0 – D7 are held in a high impedance state for a read of address 3F1.
PS/2 Mode
7
6
5
4
3
2
1
0
1
1
DRIVE
SEL0
WDATA
TOGGLE
RDATA
TOGGLE
WGATE
MOT
EN1
MOT
EN0
RESET
COND.
1
1
0
0
0
0
0
0
BIT 0 MOTOR ENABLE 0
Active high status of the MTR0 disk interface output pin.
This bit is low after a hardware reset and
unaffected by a software reset.
BIT 1 MOTOR ENABLE 1
Active high status of the MTR1 disk interface output pin.
This bit is low after a hardware reset and
unaffected by a software reset.
BIT 2 WRITE GATE
Active high status of the WGATE disk interface output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com