Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DG401 Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG401
Description  Monolithic CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG401 Datasheet(HTML) 3 Page - Intersil Corporation

  DG401_06 Datasheet HTML 1Page - Intersil Corporation DG401_06 Datasheet HTML 2Page - Intersil Corporation DG401_06 Datasheet HTML 3Page - Intersil Corporation DG401_06 Datasheet HTML 4Page - Intersil Corporation DG401_06 Datasheet HTML 5Page - Intersil Corporation DG401_06 Datasheet HTML 6Page - Intersil Corporation DG401_06 Datasheet HTML 7Page - Intersil Corporation DG401_06 Datasheet HTML 8Page - Intersil Corporation DG401_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN3284.11
November 20, 2006
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
VL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to (V+) +0.3V
Digital Inputs VS, VD (Note 1) . . . . . (V-) -2V to (V+) + 2V or 30mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle, Max) . . 100mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20V (Max)
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V (Max)
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V (Min)
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤20ns
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC and TSSOP- Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications Test Conditions: V+ = +15V, V- = -15V, V
IN = 2.4V, 0.8V (Note 3), VL = 5V,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
(NOTE 5)
TYP
(NOTE 4)
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 300Ω, CL = 35pF
+25
-
100
150
ns
Turn-OFF Time, tOFF
+25
-
60
100
ns
Break-Before-Make Time Delay (DG403), tD
RL = 300Ω, CL = 35pF
+25
5
12
-
ns
Charge Injection, Q (Figure 3)
CL = 10nF, VG = 0V, RG = 0Ω
+25
-
60
-
pC
OFF Isolation (Figure 4)
RL = 100Ω, CL = 5pF, f = 1MHz
+25
-
72
-
dB
Crosstalk (Channel-to-Channel) (Figure 6)
+25
-
-90
-
dB
Source OFF Capacitance, CS(OFF)
f = 1MHz, VS = VD = 0V (Figure 7)
+25
-
12
-
pF
Drain OFF Capacitance, CD(OFF)
+25
-
12
-
pF
Channel ON Capacitance, CD(ON) + CS(ON)
+25
-
39
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current with VIN Low, IIL
VIN Under Test = 0.8V, All Others = 2.4V
Full
-1
0.005
1
μA
Input Current with VIN High, IIH
VIN Under Test = 2.4V, All Others = 0.8V
Full
-1
0.005
1
μA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)
V+ = 13.5V, V- = -13.5V,
IS =
10mA, VD = ±10V
+25
-
20
45
Ω
Full
-
-
55
Ω
rDS(ON) Matching Between Channels, ΔrDS(ON) V+ = 16.5V, V- = -16.5V,
IS = -10mA, VD = 5, 0, -5V
+25
-
3
3
Ω
Full
-
-
5
Ω
Source OFF Leakage Current, IS(OFF)
V+ = 16.5V, V- = -16.5
VD = ±15.5V, VS =
15.5V
+25
-0.5
-0.01
0.5
nA
Full
-5
-
5
nA
Drain OFF Leakage Current, ID(OFF)
+25
-0.5
-0.01
0.5
nA
Full
-5
-
5
nA
Channel ON Leakage Current, ID(ON) +IS(ON) V± = ±16.5V, VD = VS = ±15.5V
+25
-1
-0.04
1
nA
Full
-10
-
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com