Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DG401 Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG401
Description  Monolithic CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG401 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG401_06 Datasheet HTML 2Page - Intersil Corporation DG401_06 Datasheet HTML 3Page - Intersil Corporation DG401_06 Datasheet HTML 4Page - Intersil Corporation DG401_06 Datasheet HTML 5Page - Intersil Corporation DG401_06 Datasheet HTML 6Page - Intersil Corporation DG401_06 Datasheet HTML 7Page - Intersil Corporation DG401_06 Datasheet HTML 8Page - Intersil Corporation DG401_06 Datasheet HTML 9Page - Intersil Corporation DG401_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN3284.11
November 20, 2006
Application Information
Dual Slope Integrators
The DG403 is well suited to configure a selectable slope
integrator. One control signal selects the timing capacitor C1
or C2. Another one selects eIN or discharges the capacitor in
preparation for the next integration cycle.
Peak Detector
A3 acting as a comparator provides the logic drive for
operating SW1. The output of A2 is fed back to A3 and
compared to the analog input eIN. If eIN > eOUT the output of
A3 is high keeping SW1 closed. This allows C1 to charge up
to the analog input voltage. When eIN goes below eOUT, A3
goes negative, turning SW1 off. The system will therefore
store the most positive analog input experienced.
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCES TEST CIRCUIT
Test Circuits and Waveforms (Continued)
0V, 2.4V
ANALYZER
+15V
V+
C
VS1
SIGNAL
GENERATOR
RL
GND
IN1
VD1
IN2
50
Ω
0V, 2.4V
NC
V-
-15V
C
VD2
+5V
VL
C
VS2
+15V
V+
C
GND
VS
VD
INX
V-
-15V
C
IMPEDANCE
ANALYZER
0V, 2.4V
+5V
VL
C
AS REQUIRED
V-
GND
-15V
IN2
IN1
S3
S1
S2
S4
D1
D2
D3
D4
+15V
+5V
VL
V+
DG403
C1
C2
eOUT
eIN
INTEGRATE/
SCOPE
TTL
RESET
SELECT
FIGURE 8. DUAL SLOPE INTEGRATOR
eOUT
eIN
C1
R1
SW2
SW1
RESET
+
-
+
-
+
-
DG401
A1
A3
FIGURE 9. POSITIVE PEAK DETECTOR
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com