Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6701 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 16Page - STMicroelectronics L6701 Datasheet HTML 17Page - STMicroelectronics L6701 Datasheet HTML 18Page - STMicroelectronics L6701 Datasheet HTML 19Page - STMicroelectronics L6701 Datasheet HTML 20Page - STMicroelectronics L6701 Datasheet HTML 21Page - STMicroelectronics L6701 Datasheet HTML 22Page - STMicroelectronics L6701 Datasheet HTML 23Page - STMicroelectronics L6701 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
9 Current Sharing Loop and Current Reading
L6701
20/44
9
Current Sharing Loop and Current Reading
9.1
Current Sharing Loop
L6701 embeds two separate Current Reading circuitries used to perform Current Sharing and
OCP through ISENx pins and Voltage Positioning (Droop Function) through CS+ and CS- pins
(See Section 10).
Current sharing control loop and connections are reported in Figure 6: the current read through
the ISENx pins is converted into a current IINFOx proportional to the current delivered by each
phase and the information about the average current IAVG = ΣIINFOx / 3 is internally built into the
device. The error between the read current IINFOx and the reference IAVG is then converted into
a voltage that with a proper gain is used to adjust the duty cycle whose dominant value is set by
the voltage error amplifier in order to equalize the current carried by each phase.
9.2
Current Reading for Current Sharing
The current flowing trough each phase is read using the voltage drop across the low side
MOSFETs RDS(on) or across a sense resistor in its series and it is internally converted into a
current. The trans-conductance ratio is issued by the external resistor RISEN placed outside the
chip between ISENx and the reading point (usually the LS MOSFET Drain).
The current sense circuit tracks the current information for a time TTRACK centered in the
middle of the LS conduction time and holds the tracked information during the rest of the
period. The current that flows from the ISENx pin is the current information used by the device to
perform current sharing and OCP and it is given by:
where RDS(on) is the ON resistance of the low side MOSFET and RISEN is the trans-
conductance resistor connected between the ISENx pins and the LS Drain; IPHASEx is the
current carried by the relative phase and IINFOx is the current information signal reproduced
internally. RISENx is designed according to the Over Current Protection: see Section 13.6 for
details.
Figure 6.
Current Sharing Loop and Current Reading Connections
I
ISENx
R
dsO N
R
ISEN
----------------- IPHASEx
I
INFO x
==
I
INFO1
PWM1 Out
From EA
I
INFO2
I
AVG
PWM2 Out
I
INFO3
PWM3 Out
AVG
ISENx
LGATEx
I
PHASEx
R
ISEN
IISENx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com