Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6701 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 32Page - STMicroelectronics L6701 Datasheet HTML 33Page - STMicroelectronics L6701 Datasheet HTML 34Page - STMicroelectronics L6701 Datasheet HTML 35Page - STMicroelectronics L6701 Datasheet HTML 36Page - STMicroelectronics L6701 Datasheet HTML 37Page - STMicroelectronics L6701 Datasheet HTML 38Page - STMicroelectronics L6701 Datasheet HTML 39Page - STMicroelectronics L6701 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
15 System Control Loop Compensation
L6701
36/44
is the PWM transfer function where
∆VOSC is the oscillator ramp
amplitude and has a typical value of 3V.
Removing the dependence from the Error Amplifier gain, so assuming this gain high enough,
and with further simplifications, the control loop gain results:
The system Control Loop gain (See Figure 18) is designed in order to obtain a high DC gain to
minimize static error and to cross the 0dB axes with a constant -20dB/dec slope with the
desired crossover frequency
ωT. Neglecting the effect of ZF(s), the transfer function has one
zero and two poles; both the poles are fixed once the output filter is designed (LC filter
resonance
ωLC) and the zero (ωESR) is fixed by ESR and the Droop resistance.
Figure 18. Equivalent Control Loop Block Diagram (left) and Bode Diagram (right).
To obtain the desired shape an RF - CF series network is considered for the ZF(s)
implementation. A zero at
ωF = 1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ωF in correspondence with the L-C
resonance assures a simple -20dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results to be at
frequency lower than the above reported zero.
Compensation network can be simply designed placing
ωFLC and imposing the cross-over
frequency
ωT as desired obtaining (always considering that ωT might be not higher than 1/10th
of the switching frequency FSW):
PWM
4
5
---
V
IN
∆V
OSC
-------------------
=
G
LOOP
s
()
4
5
---
V
IN
∆V
OSC
----------------------
Z
F
s
()
R
FB
---------------
R
O
R
DR OOP
+
R
O
R
L
3
-------
+
--------------------------------------------
1s C
O
R
DROOP
//R
O
ESR
+
()
⋅⋅
+
s
2
C
O
L
3
----
⋅⋅
s
L
3 R
O
------------------
C
O
ESR
C
O
R
L
3
-------
++
1
+
+
-------------------------------------------------------------------------------------------------------------------------------------------
⋅⋅
=
Reference
FB
COMP
VSEN
FBR
FBG
64k
64k
64k
RF
CF
RFB
DROOP
PWM
L / N
ESR
CO
RO
d VOUT
VOUT
VOUT
ZF(s)
ZFB(s)
REMOTE BUFFER
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
R
F
R
FB
∆V
OSC
V
IN
----------------------------------
5
4
---
ω
T
L
3R
DROOP
ESR
+
()
-------------------------------------------------------
⋅⋅
=
C
F
C
O
L
3
---
R
F
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com