Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSR175F Datasheet(PDF) 2 Page - RFE international

Part # FSR175F
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSR175F Datasheet(HTML) 2 Page - RFE international

  FSR175F Datasheet HTML 1Page - RFE international FSR175F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS (mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
TYPICAL TIME-TO-TRIP AT 23°C
Page 2 of 2
NOTE: All Specifications subject to change without notice.
C6BS03
2020.01.10
MARKING SYSTEM
Example
FSR □ □ □ F
□
□ □ □
FSR120F
34AB
Product Family
Date Code/Lot Number
Part Identification
RoHS Compliant / Lead Free
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FSR120F
19.90
22.10
4.90
5.20
0.60
1.00
5.50
7.50
3.90
4.10
FSR175F
20.90
23.10
4.90
5.20
0.60
1.00
4.10
5.50
3.90
4.10
FSR200F
21.30
23.40
10.20
11.00
0.50
1.10
5.00
7.60
4.80
5.40
FSR350F
28.40
31.80
13.00
13.50
0.50
1.10
6.30
8.90
5.90
6.10
FSR420F
30.60
32.40
12.90
13.60
0.50
1.10
5.00
7.50
5.90
6.10
F
Part Number
A
B
C
D
0.001
0.01
0.1
1
10
100
1
10
100
Fault Current (A)
A
B
C
D
E
A = FSR120F
B = FSR175F
C = FSR200F
D = FSR350F
E = FSR420F
STRAP MOUNT PPTC RESETTABLE FUSE
FSR Series : 15~30Vdc, 1.2~4.2A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com