Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSR175F Datasheet(PDF) 1 Page - RFE international

Part # FSR175F
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSR175F Datasheet(HTML) 1 Page - RFE international

  FSR175F Datasheet HTML 1Page - RFE international FSR175F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C6BS03
2020.01.10
FEATURES
AGENCY RECOGNITION
Made for RFE by UL shop Fuzetec
• UL
(E211981)
• C-UL
(E211981)
• TÜV
(R50004084)
ELECTRICAL CHARACTERISTICS (23°C)
• Applications : Laptop Computer, Rechargeable battery packs, Lithium Cell and battery packs
• Product Features : Low profile, Solid state,
• Operation Current: 1.2A ~ 4.2A
• Maximum Voltage: 15Vdc ~ 30Vdc
• Temperature Range: -40°C to 85°C
Page 1 of 2
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead material: 0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape
RoHS
ü
NOTE: All Specifications subject to change without notice.
STRAP MOUNT PPTC RESETTABLE FUSE
FSR Series : 15~30Vdc, 1.2~4.2A
THERMAL DERATING CURVE
R min
R max
R1 max
IH, A
IT, A
at 5 x IH, s
VMAX, Vdc
IMAX, A
Pd, W
Ohms
Ohms
Ohms
FSR120F
1.20
2.70
5
15
100
1.2
0.085
0.160
0.220
FSR175F
1.75
3.80
5
15
100
1.5
0.050
0.090
0.120
FSR200F
2.00
4.40
4
30
100
1.9
0.030
0.060
0.100
FSR350F
3.50
6.30
3
30
100
2.5
0.017
0.031
0.050
FSR420F
4.20
7.60
6
30
100
2.9
0.012
0.024
0.040
Typical
Power
Resistance
Part Number
Hold
Current
Trip
Current
Max. Time
to Trip
Rated
Voltage
Maximum
Current
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
FSR Series


Similar Part No. - FSR175F

ManufacturerPart #DatasheetDescription
logo
RFE international
FSR175F RFE-FSR175F Datasheet
111Kb / 2P
STRAP TYPE PPTC FSR Series
logo
Fuzetec Technology Co.,...
FSR175F FUZETEC-FSR175F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
More results

Similar Description - FSR175F

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com