Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4975 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 4Page - STMicroelectronics TS4975_05 Datasheet HTML 5Page - STMicroelectronics TS4975_05 Datasheet HTML 6Page - STMicroelectronics TS4975_05 Datasheet HTML 7Page - STMicroelectronics TS4975_05 Datasheet HTML 8Page - STMicroelectronics TS4975_05 Datasheet HTML 9Page - STMicroelectronics TS4975_05 Datasheet HTML 10Page - STMicroelectronics TS4975_05 Datasheet HTML 11Page - STMicroelectronics TS4975_05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical Characteristics
TS4975
8/36
Table 6.
VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load,
Single-ended, Mode 1-4
34.2
mA
No input signal, no load,
Single-ended, Mode 5-8
22.8
No input signal, no load,
Phantom Ground, Mode 1-4
4.6
6.5
No input signal, no load,
Phantom Ground, Mode 5-8
3.6
5.3
ISTBY
Standby Current
SCL and SDA at VCC level,
No input signal
0.6
2
µA
Voo
Output Offset Voltage
No input signal, RL =32Ω,
Phantom Ground
550
mV
Pout
Output Power
(per channel)
Single-ended, THD+N = 1% Max,
F= 1kHz, RL =16Ω
34
40
mW
Single-ended, THD+N = 1%
Max,F = 1kHz, RL =32Ω
24
26
Phantom Ground, THD+N = 1% Max,
F= 1kHz, RL =16Ω
34
40
Phantom Ground, THD+N = 1% Max,
F= 1kHz, RL =32Ω
24
26
THD + N
Total Harmonic
Distortion + Noise
Single-ended, AV = 2dB, RL =32Ω,
Pout = 20 mW, 20Hz < F < 20kHz,
0.3
%
Single-ended, AV = 2dB, RL =16Ω,
Pout = 30 mW, 20Hz < F < 20kHz
0.3
Phantom Ground, AV =2dB, RL =32Ω,
Pout =20 mW, 20Hz < F < 20kHz
0.3
Phantom GroundAV =2dB, RL =16Ω,
Pout = 30 mW, 20Hz < F < 20kHz
0.3
PSRR
Power Supply
Rejection Ratio(1)
Single-ended Output referenced to
Phantom Ground
F = 217Hz, RL =16Ω, AV =2dB
Vripple = 200mVpp, Input Grounded,
Cb = 1µF
61
dB
Single-ended Output referenced to
Ground,
F = 217Hz, RL =16Ω, AV =2dB
Vripple = 200mVpp, Input Grounded,
Cb = 1µF
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com