Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4975 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4975_05 Datasheet HTML 1Page - STMicroelectronics TS4975_05 Datasheet HTML 2Page - STMicroelectronics TS4975_05 Datasheet HTML 3Page - STMicroelectronics TS4975_05 Datasheet HTML 4Page - STMicroelectronics TS4975_05 Datasheet HTML 5Page - STMicroelectronics TS4975_05 Datasheet HTML 6Page - STMicroelectronics TS4975_05 Datasheet HTML 7Page - STMicroelectronics TS4975_05 Datasheet HTML 8Page - STMicroelectronics TS4975_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Typical Application Schematics
TS4975
4/36
Figure 2.
Phantom ground output configuration
Vcc
Cb
1µF
Cin2
330nF
Cin1
330nF
Cs
1µF
IN2
IN1
RL = 16/32 Ohms
Bias
Volume control
Select
I2C
Mode
A2
D2
D3
C3
B3
A3
TS4975
IN1
IN2
OUT1
OUT2
PHG1
PHG2
OUT1 Amplifier
OUT2 Amplifier
PHG1 Amplifier
PHG2 Amplifier
IN1
IN2
Pre-Amplifier
Pre-Amplifier
Bypass
RL = 16/32 Ohms
+
+
ADD
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com