Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC16C652BIB48 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C652BIB48
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C652BIB48 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C652BIB48 Datasheet HTML 17Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 18Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 19Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 20Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 21Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 22Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 23Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 24Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
NXP Semiconductors
SC16C652B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/
decoder
Bit
Symbol
Description
logic 1 = divide-by-4 clock input
6
MCR[6]
IR enable (see Figure 17).
logic 0 = enable the standard modem receive and transmit input/output interface (normal
default condition)
logic 1 = enable infrared IrDA receive and transmit inputs/outputs. While in this mode, the
TX/RX output/inputs are routed to the infrared encoder/decoder. The data input and output
levels will conform to the IrDA infrared interface requirement. As such, while in this mode,
the infrared TX output will be a logic 0 during idle data conditions.
5
MCR[5]
Reserved; set to ‘0’.
4
MCR[4]
Loopback. Enable the local Loopback mode (diagnostics). In this mode the transmitter output
(TX) and the receiver input (RX), CTS, DSR, CD, and RI are disconnected from the SC16C652
B I/O pins. Internally the modem data and control pins are connected into a loopback data
configuration (see Figure 5). In this mode, the receiver and transmitter interrupts remain fully
operational. The Modem Control Interrupts are also operational, but the interrupts’ sources are
switched to the lower four bits of the Modem Control. Interrupts continue to be controlled by the
IER register.
logic 0 = disable Loopback mode (normal default condition)
logic 1 = enable local Loopback mode (diagnostics)
3
MCR[3]
OP2/INT enable
logic 0 = forces INT (A, B) outputs to the 3-state mode and sets OP2 to a logic 1 (normal
default condition)
logic 1 = forces the INT (A, B) outputs to the active mode and sets OP2 to a logic 0
2
MCR[2]
(OP1). OP1A/OP1B are not available as an external signal in the SC16C652B. This bit is
instead used in the Loopback mode only. In the Loopback mode, this bit is used to write the
state of the modem RI interface signal.
1
MCR[1]
RTS
logic 0 = force RTS output to a logic 1 (normal default condition)
logic 1 = force RTS output to a logic 0
0
MCR[0]
DTR
logic 0 = force DTR output to a logic 1 (normal default condition)
logic 1 = force DTR output to a logic 0
Table 20. Modem Control Register bits description...continued
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C652B and the CPU.
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
logic 0 = no error (normal default condition)
logic 1 = at least one parity error, framing error or break indication is in the current FIFO data.
This bit is cleared when there are no remaining error flags associated with the remaining data in
the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator. This bit is set to a logic 1 whenever the
transmit holding register and the transmit shift register are both empty. It is reset to logic 0 whenever
either the THR or TSR contains a data character. In the FIFO mode, this bit is set to ‘1’ whenever the
transmit FIFO and transmit shift register are both empty.
Table 21. Line Status Register bits description
SC16C652B
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.0 — 2 November 2023
21 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com