Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC16C652BIB48 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C652BIB48
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C652BIB48 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C652BIB48 Datasheet HTML 9Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 10Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 11Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 12Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 13Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 14Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 15Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 16Page - NXP Semiconductors SC16C652BIB48 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
NXP Semiconductors
SC16C652B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/
decoder
CTSA, CTSB
TRANSMIT
FIFO
REGISTERS
TXA, TXB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA, RXB
SC16C652B
TRANSMIT
SHIFT
REGISTER
XTAL2
XTAL1
002aaa594
FLOW
CONTROL
LOGIC
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
RTSA, RTSB
DSRA, DSRB
DTRA, DTRB
RIA, RIB
(OP1A, OP1B)
CDA, CDB
(OP2A, OP2B)
IR
ENCODER
IR
DECODER
INTA, INTB
TXRDYA, TXRDYB
RXRDYA, RXRDYB
D0 to D7
IOR
IOW
RESET
A0 to A2
CSA
CSB
Figure 5. Internal loopback mode diagram
6.11 Sleep mode
Sleep mode is an enhanced feature of the SC16C652B UART. It is enabled when EFR[4], the enhanced
functions bit, is set
and when IER[4] of both channels are set. Sleep mode is entered when:
• Modem input pins are not toggling.
• The serial data input line, RX, is idle (logic HIGH).
• The TX FIFO and TX shift register are empty.
• There are no interrupts pending.
Remark: Sleep mode will not be entered if there is data in the RX FIFO.
In Sleep mode, the UART clock and baud rate clock are stopped. Since most registers are clocked using these
clocks, the power consumption is greatly reduced.
SC16C652B
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.0 — 2 November 2023
13 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com