Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF5083 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 51Page - NXP Semiconductors PCF5083 Datasheet HTML 52Page - NXP Semiconductors PCF5083 Datasheet HTML 53Page - NXP Semiconductors PCF5083 Datasheet HTML 54Page - NXP Semiconductors PCF5083 Datasheet HTML 55Page - NXP Semiconductors PCF5083 Datasheet HTML 56Page - NXP Semiconductors PCF5083 Datasheet HTML 57Page - NXP Semiconductors PCF5083 Datasheet HTML 58Page - NXP Semiconductors PCF5083 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
1996 Oct 29
55
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 45 TCH/F4.8
The following table shows the user block data format for full rate data channel at 4.8 kbit/s. The 2
× 60 data bits shown
correspond to 2 modified CCITT V.110 60-bit frames according to
“GSM 04 21”.
DESCRIPTION
OFFSET
DOWNLINK DATA
UPLINK DATA
Block size
0
20
17
Valid flag
1
1
1
Modified CCITT frame 1
2
rb8 to rb1
rb8 to rb1
3
rb16 to rb9
rb16 to rb9
4
rb24 to rb17
rb24 to rb17
5
rb32 to rb25
rb32 to rb25
6
rb40 to rb33
rb40 to rb33
7
rb48 to rb41
rb48 to rb41
8
rb56 to rb49
rb56 to rb49
9
rb60 to rb57
rb60 to rb57
Modified CCITT frame 2
10
rb8 to rb1
rb8 to rb1
11
rb16 to rb9
rb16 to rb9
12
rb24 to rb17
rb24 to rb17
13
rb32 to rb25
rb32 to rb25
14
rb40 to rb33
rb40 to rb33
15
rb48 to rb41
rb48 to rb41
16
rb56 to rb49
rb56 to rb49
17
rb60 to rb57
rb60 to rb57
FACCH flag
18
facch_flag
rxqual_ber
19
rxqual_ber_low
20
rxqual_ber_high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com