| Electronic Components Datasheet Search |
|
PCF5083 Datasheet(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083 Datasheet(HTML) 80 Page - NXP Semiconductors |
|
80 / 136 page ![]() 1996 Oct 29 80 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 FB_search_fcb_init Initialization of FB_search_fcb. This routine has to be called before a new FB search is started. The following parameters are recommended: The parameter len_obser_int indicates how many observation windows belong to an observation interval. The parameter len_obser_int must be set to 11 for a 26-frames and to 15 (or 7) for 51-frames multiframe structure. If the parameter len_obser_int is omitted or set to zero, all successive calls of FB_search_fcb perform only fast FB detection. The FB search algorithm includes a match filter for FB detection. The output of this matched filter is compared with the parameter threshold in order to decide whether an FB has been found or not. If the parameter threshold is omitted (or set to zero respectively) the recommended default value of 400 is used. The parameter hi_threshold is used to perform a fast FB detection under good channel conditions. If the matched filter output exceeds hi_threshold, the FB search is terminated immediately. If hi_threshold is not specified, a default value of 667 is used. The parameter n_samples indicates the length of a search window in bits, i.e. the number of IQ samples. If n_samples is not specified, a default value of 1404 bits is used, corresponding to 9 timeslots. The parameter n_obser_int indicates the number of observation intervals to be used. If the n_obser_int is not specified, a default value of 1 is used. 68 len_obser_int [threshold] [hi_threshold] [n_timeslots] [n_samples] [n_obser_int] − MP_audio_sync To start speech procedures in a regular way in full rate traffic channel mode the speech frame timing has to be locked to the TDMA frame timing. Each time a traffic channel is established or switched over (e.g. handover), a new synchronization has to be performed. MP_AUDIO_SYNC has to be started before the receive time slot. The procedure synchronises speech and TDMA frame timing by waiting for the first I and Q pair coming from the BBD and then immediately sets the pointers of audio input and output FIFOs. The parameter slip is normally set to zero indicating that an audio synchronization should be performed. If slip is not equal to zero (valid range 1 to 5), it is checked whether the audio frame timing is still locked to the TDMA frame timing. If the deviation exceeds slip audio samples (125 µs) a resynchronization is performed. The parameter tch_frame_no has to be set to (fn mod 26) where fn is the TDMA frame number of the first TDMA frame of the TCH block. The parameters delta_rx_delay and delta_tx_delay are normally set to zero. They may be used to increase or decrease the speech delay in receive and transmit path in 125 µs units, e.g. delta_rx_delay = 1 increases the delay in the RX path by 125 µs. Valid range for delta_rx_delay and delta_tx_delay is −10 to +10. Note that MP_iom2_enable must be called beforehand. 41 tch_frame_no slip delta_rx_delay delta_tx_delay − DESCRIPTION ID PARAMETERS RETURN VALUES |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |