Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors PCK2000 Datasheet HTML 10Page - NXP Semiconductors PCK2000 Datasheet HTML 11Page - NXP Semiconductors PCK2000 Datasheet HTML 12Page - NXP Semiconductors PCK2000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
9
REF(0–2) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
f
Frequency, Actual
Frequency generated
by Crystal
14.31818
MHz
THRISE (tR)
Output rise edge rate
1
4
ns
THFALL (tF)
Output fall edge rate
1
4
ns
DUTY CYCLE (tD)
Duty Cycle
45
55
%
THSTB (fST)
Frequency stabilization from Power-up (cold start)
3
ms
48MHZ(0–1) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
f
Frequency, Actual
Determined by PLL
divider ratio
48.008
MHz
fD
Devation from 48MHz
(48.008 – 48)/48
+167
ppm
THRISE (tR)
Output rise edge rate
1
4
ns
THFALL (tF)
Output fall edge rate
1
4
ns
DUTY CYCLE (tD)
Duty Cycle
45
55
%
THSTB (fST)
Frequency stabilization from Power-up (cold start)
3
ms
ALL CLOCK OUTPUTS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
TPZL, TPZH
Output enable time
1.0
8.0
ns
TPLZ, TPHZ
Output disable time
1.0
8.0
ns
NOTES:
1. See Figure 3 for measure points.
2. Period, jitter, offset, and skew are measured on the rising edge @ 1.25V for 2.5V clocks and @ 1.5V for 3.3V clocks.
3. The PCICLK is the CPUCLK divided by two at CPUCLK = 66.6MHz. PCICLK is the CPUCLK divided by three at CPUCLK = 100MHz.
4. The CPUCLK must always lead the PCICLK as shown in Figure 2.
5. THKH is measured @ 2.0V as shown in Figure 4.
6. THKL is measured @ 0.4V as shown in Figure 4.
7. The time is specified from when VDDQ achieves its nominal operating level (typical condition is VDDQ = 3.3V) until the frequency output is
stable and operating within specification.
8. Defined as once the clock is at its nominal operating frequency, the adjacent period changes cannot exceed the time specified.
9. THRISE and THFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.0V (1mA) JEDEC specification.
10. THRISE and THFALL (48MHz, REF, PC) are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com