Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2000 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors PCK2000 Datasheet HTML 10Page - NXP Semiconductors PCK2000 Datasheet HTML 11Page - NXP Semiconductors PCK2000 Datasheet HTML 12Page - NXP Semiconductors PCK2000 Datasheet HTML 13Page - NXP Semiconductors PCK2000 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
10
AC WAVEFORMS
VM = 1.25V @ VDDQ2 and 1.5V @ VDDQ3
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
CPUCLK
1.25V
SW00240
1.25V
CPUCLK
VDDQ2
VSS
VDDQ2
VSS
THSKW
Figure 1. CPUCLK to CPUCLK skew
CPUCLK
1.5V
1.25V
PCICLK
VDDQ2
VSS
VDDQ3
VSS
THPOFFSET
SW00241
Figure 2. CPUCLK to PCICLK offset
SW00242
THKP
DUTY CYCLE
THKH
TRISE
TFALL
THKL
TPKP
TPKH
TRISE
TFALL
TPKL
2.5V CLOCKING
INTERFACE
3.3V CLOCKING
INTERFACE
(TTL)
2.0
1.25
0.4
2.4
1.5
0.4
Figure 3. 2.5V/3.3V Clock waveforms
tPLZ
tPZL
VI
SEL 100, 66,
SEL1, SEL0
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00239
Figure 4. 3-State enable and disable times.
VDDQ2
2.5VOLT MEASURE POINTS
VOH = 2.0V
VIH = 1.7V
1.25V
VIL = 0.7V
VOL = 0.4V
VSS
SYSTEM
MEASUREMENT
POINTS
VDDQ3
3.3VOLT MEASURE POINTS
VOH = 2.4V
VIH = 2.0V
1.5V
VIL = 0.7V
VOL = 0.4V
VSS
COMPONENT
MEASUREMENT
POINTS
SYSTEM
MEASUREMENT
POINTS
SW00243
COMPONENT
MEASUREMENT
POINTS
Figure 5. Component versus system measure points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com