Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001M Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2001M
Description  14.318-150 MHz I2C 1:10 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001M Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2001M Datasheet HTML 2Page - NXP Semiconductors PCK2001M Datasheet HTML 3Page - NXP Semiconductors PCK2001M Datasheet HTML 4Page - NXP Semiconductors PCK2001M Datasheet HTML 5Page - NXP Semiconductors PCK2001M Datasheet HTML 6Page - NXP Semiconductors PCK2001M Datasheet HTML 7Page - NXP Semiconductors PCK2001M Datasheet HTML 8Page - NXP Semiconductors PCK2001M Datasheet HTML 9Page - NXP Semiconductors PCK2001M Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001M
14.318–150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
6
SDRAM CLOCK OUTPUT BUFFER PULL-DOWN CHARACTERISTICS
PULL-UP
VOLTAGE
(V)
I
(mA)
(V)
MIN
TYP
MAX
0
0
0
0
0.4
23
34
53
0.65
35
52
83
0.85
43
65
104
1.00
49
74
118
1.4
61
93
152
1.5
64
98
159
1.65
67
103
168
1.8
70
108
177
1.95
72
112
184
3.135
72
112
204
3.6
112
204
SDRAM PULL-DOWN
0
25
50
75
100
125
150
175
200
225
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
MIN
TYP
MAX
VOUT (V)
IOL (mA)
SW00250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com