Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2001M
Description  14.318-150 MHz I2C 1:10 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2001M Datasheet HTML 3Page - NXP Semiconductors PCK2001M Datasheet HTML 4Page - NXP Semiconductors PCK2001M Datasheet HTML 5Page - NXP Semiconductors PCK2001M Datasheet HTML 6Page - NXP Semiconductors PCK2001M Datasheet HTML 7Page - NXP Semiconductors PCK2001M Datasheet HTML 8Page - NXP Semiconductors PCK2001M Datasheet HTML 9Page - NXP Semiconductors PCK2001M Datasheet HTML 10Page - NXP Semiconductors PCK2001M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001M
14.318–150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
7
AC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
TYP9
MAX
TSDKP
SDRAM CLK period
1, 6
15.0
15.2
15.5
TSDKH
SDRAM CLK HIGH time
66MHz
2, 6, 8
5.6
7.8
8.4
ns
TSDKL
SDRAM CLK LOW time
3, 6, 8
5.3
7.4
8.0
TSDKP
SDRAM CLK period
1, 6
10.0
10.01
10.5
TSDKH
SDRAM CLK HIGH time
100MHz
2, 6, 8
3.3
5.1
5.7
ns
TSDKL
SDRAM CLK LOW time
3, 6, 8
3.1
4.9
5.5
TSDKP
SDRAM CLK period
1, 6
7.4
7.5
7.7
TSDKH
SDRAM CLK HIGH time
133MHz
2, 6, 8
2.6
3.2
3.8
ns
TSDKL
SDRAM CLK LOW time
3, 6, 8
2.1
2.8
3.5
TSDRISE
SDRAM rise time
4, 6, 10
1.5
2.0
4.0
V/ns
TSDFALL
SDRAM fall time
4, 6, 11
1.5
2.9
4.0
V/ns
TPLH
SDRAM buffer LH propagation delay
6, 7
1.0
2.5
3.5
ns
TPHL
SDRAM buffer HL propagation delay
6, 7
1.0
2.5
3.5
ns
TPZL, TPZH
SDRAM buffer enable time
6, 7
1.0
2.6
5.0
ns
TPLZ, TPHZ
SDRAM buffer disable time
6, 7
1.0
2.7
5.0
ns
DUTY CYCLE
Output Duty Cycle
Measured at 1.5V
5, 6, 7
45
52
55
%
TSDSKW
SDRAM Bus CLK skew
1, 6
150
250
ps
TDDSKW
Device to device skew
250
ps
NOTES:
1. Clock period and skew are measured on the rising edge at 1.5V.
2. TSDKH is measured at 2.4V as shown in Figure 4.
3. TSDKL is measured at 0.4V as shown in Figure 4.
4. TSDRISE and TSDFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V (1mA) JEDEC specification.
5. Duty cycle should be tested with a 50/50% input.
6. Over MIN (20pF) to MAX (30pF) discrete load, process, voltage, and temperature.
7. Input edge rate for these tests must be faster than 1 V/ns.
8. Calculated at minimum edge rate (1.5ns) to guarantee 45/55% duty cycle at 1.5V. Pulsewidth is required to be wider at the faster edge to
ensure duty cycle specification is met.
9. All typical values are at VCC = 3.3V and Tamb = 25°C.
10. Typical is measured with MAX (30pf) discrete load.
11. Typical is measured with MIN (20pf) discrete load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com