Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS5600AMBAFES Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MFS5600AMBAFES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBAFES Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MFS5600AMBAFES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
15 I/O pins in FS5600
The FS5600 has several I/O pins for system control and monitoring. These are described in Section 15.1
through Section 15.6. Parametric requirements for all the IO's are summarized in Section 15.1.
15.1 I/O pins electrical specifications
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, typical external component values, unless
otherwise noted. Typical values are specified at 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
EN1, EN2 Rising Threshold
ENx_r
1.40
V
EN1, EN2 Falling Threshold
ENx_f
0.95
V
EN1, EN2 Debounce
ENx_db
70
µs
SDA/SCL Rising Threshold (2.2k kΩ pullup to VDDIO)
I2C_r
0.7*VDDIO
V
SDA/SCL Falling Threshold (2.2k kΩ pullup to VDDIO)
I2C_f
0.3*VDDIO —
V
PGOOD1/2_VOH (10 kΩ pullup to VDDIO)
PG_VOH
VDDIO – 0.5 V
PGOOD1/2_VOL(10 kΩ pullup to VDDIO)
PG_VOL
0.4
V
MODE Rising Threshold
MODE_r
1.25
V
MODE Falling Threshold
MODE_f
0.35
V
MODE Debounce: Rising Edge (OTP_MODE_DB = 0)
MODE_db —
40
µs
MODE Debounce: Rising Edge (OTP_MODE_DB = 1)
MODE_db —
10
ms
MODE Debounce Falling Edge (OTP_MODE_DB = 0/1)
MODE_db —
70
µs
GPIOx_VOH (10 kΩ pullup to VDDIO)
GPIO_VOH —
VDDIO - 0.5 V
GPIOx_VOL (10kΩ pullup to VDDIO)
GPIO_VOL 0.4
V
SYNCOUT_VOH (push-pull)
SYNCOUT_
VOH
0.7*VDDIO
V
SYNCOUT_VOL (push-pull)
SYNCOUT_
VOL
0.3*VDDIO —
V
Table 30. I/O pin electrical specifications
15.2 EN1 and EN2
EN1 and EN2 pins are used to enable SW1 and SW2 respectively. In addition to the EN1 and EN2 pins, the
bits SW1_EN and SW2_EN ultimately determine if SW1 or SW2 are enabled. This allows enable and disable of
SW1 and SW2 to be performed through their respective ENx pin, or via the respective I2C bit SWx_EN.
SW1 regulator is disabled if (EN1 pin = LOW).
SW1 regulator is disabled if (EN1 pin = HIGH AND SW1_EN = 0).
SW1 regulator is enabled if (EN1 pin = HIGH AND SW1_EN = 1).
SW2 regulator is disabled if (EN2 pin = LOW).
SW2 regulator is disabled if (EN2 pin = HIGH AND SW2_EN = 0).
SW2 regulator is enabled if (EN2 pin = HIGH AND SW2_EN = 1).
SW1/2_EN are initialized to 1.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
37 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com