Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS2756 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2756
Description  High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2756 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2756 Datasheet HTML 1Page - Maxim Integrated Products DS2756 Datasheet HTML 2Page - Maxim Integrated Products DS2756 Datasheet HTML 3Page - Maxim Integrated Products DS2756 Datasheet HTML 4Page - Maxim Integrated Products DS2756 Datasheet HTML 5Page - Maxim Integrated Products DS2756 Datasheet HTML 6Page - Maxim Integrated Products DS2756 Datasheet HTML 7Page - Maxim Integrated Products DS2756 Datasheet HTML 8Page - Maxim Integrated Products DS2756 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS2756: High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
2 of 26
ABSOLUTE MAXIMUM RATINGS
Voltage on PIO Pin, Relative to VSS
-0.3V to +12V
Voltage on All Other Pins, Relative to VSS
-0.3V to +6V
Continuous Sink Current, DQ, PIO
12mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(3.0V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
3.0
5.5
V
Data Pin
DQ
(Note 1)
-0.3
+5.5
V
VIN Pin
VIN
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(3.0V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DQ = VDD, EEC bit = 0,
3.0V < VDD < 4.2V
75
100
mA
Active Mode
Supply Current
IACTIVE
DQ = VDD, EEC bit = 0
120
Sleep Mode
Supply Current
ISLEEP
DQ = 0V, PIE = 00b
1
3
mA
Suspend Mode
Supply Current
ISUSPEND
DQ = 0V, PIE ≠ 00b
(Note 11)
1.5
4
mA
Current Measurement Input
Range
VIS1-IS2
(Note 2)
±64
mV
Current Register Offset
Error
IOERR
(Note 4)
±7.813
mV/R
Current Gain Error
IGERR
(Notes 2, 5)
±1
%
reading
24 Hour Accumulated
Current Error
qCA
VIS1-IS2 = 0, OBEN set,
(Notes 2, 3, 6)
-200
-100
0
µVhr/R
Current Sampling
Frequency
fSAMP
1456
Hz
IS1-VSS, IS2-SNS Filter
Resistors
RKS
+25
°C
10
k
W
Input Resistance: VIN
RIN
VIN = VDD
5
M
W
Voltage Offset Error
VOERR
(Note 7)
±5
mV
Voltage Gain Error
VGERR
±2
%V
reading
Temperature Error
TERR
(Note 8)
±3
°C
Input Logic High: DQ, PIO
VIH
(Note 1)
1.5
V
Input Logic Low: DQ, PIO
VIL
(Note 1)
0.4
V
Output Logic Low: DQ, PIO
VOL
IOL = 4mA (Note 1)
0.4
V
DQ Pulldown Current
IPD
1
mA
DQ Capacitance
CDQ
60
pF
DQ Low-to-Sleep Time
tSLEEP
2.1
s
Suspend Period Accuracy
tSUS_ERR
0
±30
%
Minimum Active Mode
tACT_MIN
87
90
93
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com