Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS2756 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2756
Description  High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2756 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2756 Datasheet HTML 17Page - Maxim Integrated Products DS2756 Datasheet HTML 18Page - Maxim Integrated Products DS2756 Datasheet HTML 19Page - Maxim Integrated Products DS2756 Datasheet HTML 20Page - Maxim Integrated Products DS2756 Datasheet HTML 21Page - Maxim Integrated Products DS2756 Datasheet HTML 22Page - Maxim Integrated Products DS2756 Datasheet HTML 23Page - Maxim Integrated Products DS2756 Datasheet HTML 24Page - Maxim Integrated Products DS2756 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS2756: High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
21 of 26
later. If the bus is left low for more than 120
ms, slave devices on the bus begin to interpret the low period as a reset
pulse, effectively terminating the transaction.
Figure 20. Typical 1-Wire Bus Interface Circuitry
The pullup must be disabled to allow the DS2756 to enter Suspend mode. The internal pulldown on the DS2756
DQ input ensures that DQ will be pulled to a logic low when the pullup is simply disconnected. With a
microcontroller, the pullup resistor can be connected between a general purpose port pin and the DS2756 DQ
terminal as shown in Figure 1. The GPIO pin, labeled Pullup Control, can be driven high for Active mode. The pin
labeled Data I/O is used bidirectionally for serial communication. When Standby mode is desired, the Pullup
Control pin can be driven low or floated in the high-Z state. If the current reading falls within the range of the
suspend thresholds, the DS2756 will enter Suspend if configured to do so (PMOD = 1 and PIE ≠ 00).
TRANSACTION SEQUENCE
The protocol for accessing the DS2756 through the 1-Wire port is as follows:
§ Initialization
§ Net Address Command
§ Function Command
§ Transaction/Data
The sections that follow describe each of these steps in detail.
All transactions of the 1-Wire bus begin with an initialization sequence consisting of a reset pulse transmitted by the
bus master followed by a presence pulse simultaneously transmitted by the DS2756 and any other slaves on the
bus. The presence pulse tells the bus master that one or more devices are on the bus and ready to operate. For
more details, see the I/O Signaling section.
NET ADDRESS COMMANDS
Once the bus master has detected the presence of one or more slaves, it can issue one of the net address
commands described in the following paragraphs. The name of each command is followed by the 8-bit opcode for
that command in square brackets. Figure 21 presents a transaction flowchart of the net address commands.
Read Net Address [33h or 39h]. This command allows the bus master to read the DS2756’s 1-Wire net address.
This command can only be used if there is a single slave on the bus. If more than one slave is present, a data
collision occurs when all slaves try to transmit at the same time (open drain produces a wired-AND result). The
RNAOP bit in the Status Register selects the opcode for this command, with RNAOP = 0 indicating 33h and
RNAOP = 1 indicating 39h.
Match Net Address [55h]. This command allows the bus master to specifically address one DS2756 on the 1-Wire
bus. Only the addressed DS2756 responds to any subsequent function command. All other slave devices ignore
1
mA
Typ.
100
W
MOSFET
Tx
Rx
Rx
Tx
Rx =
Receive
Tx = TRANSMIT
VPULLUP
(2.0V to 5.5V)
4.7k
W
BUS MASTER
DS275x 1-WIRE PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com