Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6911CTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6911CTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911CTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6911CTR Datasheet HTML 4Page - STMicroelectronics L6911CTR Datasheet HTML 5Page - STMicroelectronics L6911CTR Datasheet HTML 6Page - STMicroelectronics L6911CTR Datasheet HTML 7Page - STMicroelectronics L6911CTR Datasheet HTML 8Page - STMicroelectronics L6911CTR Datasheet HTML 9Page - STMicroelectronics L6911CTR Datasheet HTML 10Page - STMicroelectronics L6911CTR Datasheet HTML 11Page - STMicroelectronics L6911CTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L6911C
8/20
Figure 3. High Side driver peak current. Vboot-Vphase=12V (left) Vboot-Vphase=5V (right)
Figure 4. Low Side driver peak current. Vcc=12V (left) Vcc=5V (right)
Monitoring and Protections
The output voltage is monitored by means of pin 1 (VSEN). If it is not within ±12% (typ.) of the programmed
value, the powergood output is forced low.
The device provides overvoltage protection, when the output voltage reaches a value 17% (typ.) grater than the
nominal one. If the output voltage exceeds this threshold, the OVP pin is forced high, triggering an external SCR
to shuts the supply (VIN) down, and also the lower driver is turned on as long as the over-voltage is detected.
To perform the overcurrent protection the device compares the drop across the high side MOS, due to the
RDSON, with the voltage across the external resistor (ROCS) connected between the OCSET pin and drain of
the upper MOS. Thus the overcurrent threshold (IP) can be calculated with the following relationship:
Where the typical value of IOCS is 200µA. To calculate the ROCS value it must be considered the maximum
RDSON (also the variation with temperature) and the minimum value of IOCS. To avoid undesirable trigger of
CH1 = High Side Gate
CH4 = Gate Current
CH1 = Low Side Gate
CH4 = Gate Current
I
P
I
OCS
R
OCS
R
DSON
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com